Part Number Hot Search : 
2S41TB NE06L KLLU1500 XRD878 74LS1 7122A 6250G A23L2616
Product Description
Full Text Search
 

To Download E3SGS3B4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 e3s-gs e3s-gs grooved head sensor with built-in dc amplifiers fast 1 ms maximum response time ideal for packaging applications 1 cm groove type detects marks on transparent film 3 cm groove type detects edges, labels and marks emitter and receiver separated by a fixed gap simplifies installation and eliminates alignment problems sensitivity adjustment standard choose npn and pnp output models wire-selectable light-on/dark-on operation ready-to-use: prewired with 2 m (6.56 ft) cable and includes mounting bracket slotted edge registration sensor e3s-gs ordering information method of detection through-beam, in one-piece grooved head sensing distance 1 cm (0.39 in) 3 cm (1.18 in) application mark detection general purpose part number npn output e3s-gs1e4 e3s-gs3e4 pnp output e3s-gs1b4 e3s-gs3b4 sensors replacement parts description part number sensitivity adjuster knob (supplied with each sensor) e39-g1 typical applications detecting edge of material to activate cutter detecting marks on packaging film to adjust roller and cutter speed
3 e3s-gs e3s-gs part number e3s-gs1 4 e3s-gs3 4 method of detection through-beam, one-piece grooved head supply voltage 12 to 24 vdc current consumption 40 ma max. groove width 1 cm (0.39 in) 3 cm (1.18 in) light source pulse modulated green led pulse modulated infrared led detectable object type marks on transparent shet, opaque materials, 2 x 3 mm (0.08 x 0.12 in) 3 mm (0.12 in) minimum mark dimension minimum diameter sensitivity adjustable mutual interference protection provided control dc type npn-spst open collector with constant current source (e3s-gs e4) output solid- pnp-spst open collector (e3s-gs b4) state max. load npn type: load (relay, sink) logic: 80 ma voltage (source) logic: 1.5 to 3 ma pnp type: load (relay, source) logic: 100 ma max. on-state 1 vdc voltage drop response time on 1 ms max. off 1 ms max. circuit output short- provided protection circuit dc power supply provided reverse polarity indicators light incident (red led), output stability (green led) materials lens plastic case plastic diecast zinc cable sheath plastic mounting side mounting with two through holes; bracket e39-l5 and hardware included connections prewired 3-conductor cable, 2 m (6.56 ft) length weight 100 g (3.35 oz.) 230 g (8.11 oz.) enclosure ratings ul nema 1, 2, 12 1, 4, 4x, 12, 13 iec 144 ip65 ip67 approvals ul csa ambient operating -25 to 55 c (-13 to 131 f) temperature storage -40 to 70 c (-40 to 158 f) specifications e3s-gs e3s-gs output circuit diagrams pnp output npn output note: iec colors are shown in parentheses. voltage logic (source) photoelectric sensor switch load (relay sink) red (brown) white (black) black (blue) +v 0 v light-on dark-on mode mode +12 to 0 v 24 vdc 0 v +12 to 24 vdc photoelectric sensor switch 0 v load (relay) (source) red (brown) white (black) black (blue) light-on dark-on mode mode +12 to 0 v 24 vdc 0 v +12 to 24 vdc 2.2 ?
4 e3s-gs e3s-gs dimensions unit: mm (inch) e3s-gs3 4 e3s-gs1 4 sensors sensitivity adjuster sensitivity adjuster indicator optical axis two 6.5 (0.26) dia. 40 (1.57) 12.5 (0.49) 7 (0.24) 20 (0.79) 11.8 (0.47) 14 (0.55) 10.3 (0.41) 20 (0.79) 10 (0.39) 65 (2.56) 10 (0.39) 13.5 (0.53) 12.5 (0.49) cable: 4 mm dia., 2 m (6.56 ft) length 40 (1.57) 8 (0.32) 6 (0.24) 52 (2.05) 11 (0.43) cable: 4 mm dia., 2 m (6.56 ft) length 83.6 (3.29) 72 (2.84) 52 (2.05) 30 (1.18) 45 (1.77) 6 (0.24) 12.5 (0.49) 10 (0.39) indicator optical axis 27 (1.06) 0.2 (0.008) two 5.5 (0.22) dia. 45 (1.77) mounting holes mounting holes accessories e3s-g1 sensitivity adjuster knob (included) 24 (0.94) 13 (0.51) dia. 9.3
e3s-gs e3s-gs omron electronics llc omron canada, inc. one east commerce drive 885 milner avenue schaumburg, il 60173 scarborough, ontario m1b 5v8 1-800-55-omron 416-286-6465 cat. no. cedsax4 11/01 specifications subject to change without notice. printed in the u.s.a. omron on-line global - http://www.omron.com usa - http://www.omron.com/oei canada - http://www.omron.com/oci


▲Up To Search▲   

 
Price & Availability of E3SGS3B4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X